PART |
Description |
Maker |
FDB035AN06F085 FDB035AN06A012 |
N-Channel PowerTrenchMOSFET 60V, 80A, 3.5m N-Channel PowerTrench? MOSFET 60V, 80A, 3.5mΩ
|
Fairchild Semiconductor
|
FDP038AN06A0_05 FDI038AN06A0 FDP038AN06A0 FDP038AN |
N-Channel PowerTrench? MOSFET 60V, 80A, 3.8m N-Channel PowerTrench㈢ MOSFET 60V, 80A, 3.8mз
|
FAIRCHILD[Fairchild Semiconductor]
|
UTT80P06L-TA3-T UTT80P06G-TA3-T |
80A, 60V P-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
STRH100N6HY1 STRH100N6HYG STRH100N6HYT |
Rad-Hard N-Channel 60V, 80A MOSFET
|
ST Microelectronics
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STW80NF55-06 8138 |
N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFETII POWER MOSFET N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET⑩ II POWER MOSFET N-CHANNEL 55V 0.005 OHM 80A TO-247 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB75NF75T4 STB75NF75 STP75NF75 STP75NF75FP |
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET II Power MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D2PAK STripFET II POWER MOSFET N-channel 75V - 0.0095ヘ - 80A - TO-220 - TO-220FP - D2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
FDMA1032CZ FDMA1032CZ08 |
20V Complementary PowerTrench? MOSFE 20V Complementary PowerTrench㈢ MOSFE
|
Fairchild Semiconductor
|
STP80NF10FP STP80NF10 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET⑩II POWER MOSFET N-CHANNEL 100V - 0.012 OHM - 80A TO-220/TO-220FP LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET?II POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|